Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 7Page - STMicroelectronics LIS2MDL Datasheet HTML 8Page - STMicroelectronics LIS2MDL Datasheet HTML 9Page - STMicroelectronics LIS2MDL Datasheet HTML 10Page - STMicroelectronics LIS2MDL Datasheet HTML 11Page - STMicroelectronics LIS2MDL Datasheet HTML 12Page - STMicroelectronics LIS2MDL Datasheet HTML 13Page - STMicroelectronics LIS2MDL Datasheet HTML 14Page - STMicroelectronics LIS2MDL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID030621 Rev 5
11/41
LIS2MDL
Module specifications
41
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 3. SPI slave timing diagram
Note:
Values are guaranteed at 10 MHz clock frequency for SPI with 3 wires, based on
characterization results, not tested in production.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output
ports.
Table 6. SPI slave timing values
Symbol
Parameter
Value (1)
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
5
tdis(SO)
SDO output disable time
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com