Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 8Page - STMicroelectronics LIS2MDL Datasheet HTML 9Page - STMicroelectronics LIS2MDL Datasheet HTML 10Page - STMicroelectronics LIS2MDL Datasheet HTML 11Page - STMicroelectronics LIS2MDL Datasheet HTML 12Page - STMicroelectronics LIS2MDL Datasheet HTML 13Page - STMicroelectronics LIS2MDL Datasheet HTML 14Page - STMicroelectronics LIS2MDL Datasheet HTML 15Page - STMicroelectronics LIS2MDL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Module specifications
LIS2MDL
12/41
DocID030621 Rev 5
2.4.2
I2C - inter-IC control interface
Subject to general operating conditions for Vdd and Top.
Table 7. I2C slave timing values (standard and fast mode)
Symbol
Parameter
I2C standard mode (1)
I2C fast mode (1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL) Low period of the SCL clock
4.7
1.3
μs
tw(SCLH) High period of the SCL clock
4.0
0.6
tsu(SDA) Data setup time
250
100
ns
th(SDA) Data hold time
0
3.45
0
0.9
μs
th(ST)
START condition hold time
4
0.6
tsu(SR) Setup time for a repeated START condition
4.7
0.6
tsu(SP) Setup time for STOP condition
4
0.6
tw(SP:SR) Bus free time between STOP and START condition
4.7
1.3
1. Data based on standard I2C protocol requirement, not tested in production.
Table 8. I2C slave timing values (fast mode plus and high speed)
Symbol
Parameter
I2C fast mode
plus(1)
I2C high speed(1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
1
0
3.4
MHz
tw(SCLL) Low period of the SCL clock
0.5
0.16
μs
tw(SCLH) High period of the SCL clock
0.26
0.06
tsu(SDA) Data setup time
50
10
ns
th(SDA)
Data hold time
0
0
0.07
μs
th(ST)
START condition hold time
0.26
0.16
tsu(SR)
Setup time for a repeated START condition
0.26
0.16
tsu(SP)
Setup time for STOP condition
0.26
0.16
tw(SP:SR) Bus free time between STOP and START condition
0.5
1. Data based on standard I2C protocol requirement, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com