Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 15Page - STMicroelectronics LIS2MDL Datasheet HTML 16Page - STMicroelectronics LIS2MDL Datasheet HTML 17Page - STMicroelectronics LIS2MDL Datasheet HTML 18Page - STMicroelectronics LIS2MDL Datasheet HTML 19Page - STMicroelectronics LIS2MDL Datasheet HTML 20Page - STMicroelectronics LIS2MDL Datasheet HTML 21Page - STMicroelectronics LIS2MDL Datasheet HTML 22Page - STMicroelectronics LIS2MDL Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID030621 Rev 5
19/41
LIS2MDL
Application hints
41
5
Application hints
Figure 5. LIS2MDL electrical connections
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 μF aluminum) should
be placed as near as possible to pin 9 of the device (common design practice).
It is possible to remove Vdd, maintaining Vdd_IO, without blocking the communication bus,
in this condition the measurement chain is powered off.
The following recommendations apply to capacitor C1:
It must be connected as close as possible to pins 5 and 6 since very high current
pulses flow from C1 to pin 5 and 6. This avoids problems caused by inductive effects
due to the length of the copper strips.
It is highly recommended to use low ESR (max 200 mOhm)
The functionality of the device and the measured acceleration data are selectable and
accessible through the I2C or SPI interfaces. When using the I2C, CS must be tied high (i.e.
connected to Vdd_IO).
The functions, the threshold and the timing of the interrupt pin (INT) can be completely
programmed by the user through the I2C/SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com