Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 23Page - STMicroelectronics LIS2MDL Datasheet HTML 24Page - STMicroelectronics LIS2MDL Datasheet HTML 25Page - STMicroelectronics LIS2MDL Datasheet HTML 26Page - STMicroelectronics LIS2MDL Datasheet HTML 27Page - STMicroelectronics LIS2MDL Datasheet HTML 28Page - STMicroelectronics LIS2MDL Datasheet HTML 29Page - STMicroelectronics LIS2MDL Datasheet HTML 30Page - STMicroelectronics LIS2MDL Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DocID030621 Rev 5
27/41
LIS2MDL
Register mapping
41
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the
corresponding addresses.
Table 22. Register address map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
Reserved
00 - 44
Reserved
OFFSET_X_REG_L
R/W
45
01000101
00000000
Hard-iron registers
OFFSET_X_REG_H
R/W
46
01000110
00000000
OFFSET_Y_REG_L
R/W
47
01000111
00000000
OFFSET_Y_REG_H
R/W
48
01001000
00000000
OFFSET_Z_REG_L
R/W
49
01001001
00000000
OFFSET_Z_REG_H
R/W
4A
01001010
00000000
RESERVED
4B-4C
Reserved
WHO_AM_I
R
4F
01001111
01000000
RESERVED
50-5F
Reserved
CFG_REG_A
R/W
60
01100000
00000011
Configuration
registers
CFG_REG_B
R/W
61
01100001
00000000
CFG_REG_C
R/W
62
01100010
00000000
INT_CRTL_REG
R/W
63
01100011
11100000
Interrupt
configuration registers
INT_SOURCE_REG
R
64
01100100
INT_THS_L_REG
R/W
65
01100101
00000000
INT_THS_H_REG
R/W
66
01100110
00000000
STATUS_REG
R
67
01100111
OUTX_L_REG
R
68
01101000
output
Output registers
OUTX_H_REG
R
69
01101001
output
OUTY_L_REG
R
6A
01101010
output
OUTY_H_REG
R
6B
01101010
output
OUTZ_L_REG
R
6C
01101100
output
OUTZ_H_REG
R
6D
01101101
output
TEMP_OUT_L_REG
R
6E
01101110
output
Temperature sensor
registers
TEMP_OUT_H_REG
R
6F
01101111
output
1. R = read-only register, R/W = readable/writable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com