Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 26Page - STMicroelectronics LIS2MDL Datasheet HTML 27Page - STMicroelectronics LIS2MDL Datasheet HTML 28Page - STMicroelectronics LIS2MDL Datasheet HTML 29Page - STMicroelectronics LIS2MDL Datasheet HTML 30Page - STMicroelectronics LIS2MDL Datasheet HTML 31Page - STMicroelectronics LIS2MDL Datasheet HTML 32Page - STMicroelectronics LIS2MDL Datasheet HTML 33Page - STMicroelectronics LIS2MDL Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Register description
LIS2MDL
30/41
DocID030621 Rev 5
8.5
CFG_REG_A (60h)
The configuration register is used to configure the output data rate and the measurement
configuration.
Table 23. CFG_REG_A register
COMP_
TEMP_EN
REBOOT
SOFT_RST
LP
ODR1
ODR0
MD1
MD0
Table 24. CFG_REG_A register description
COMP_
TEMP_EN(1)
1. For proper operation, this bit must be set to '1'.
Enables the magnetometer temperature compensation. Default value: 0
(0: temperature compensation disabled; 1: temperature compensation enabled)
REBOOT
Reboot magnetometer memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
SOFT_RST
When this bit is set, the configuration registers and user registers are reset.
Flash registers keep their values. Default value: 0
LP
Enables low-power mode. Default value: 0
0: high-resolution mode 1: low-power mode enabled
ODR[1:0]
Output data rate configuration (see Table 25: Output data rate configuration)
Default value: 00
MD[1:0]
These bits select the mode of operation of the device (see Table 26: Mode of
operation). Default value: 11
Table 25. Output data rate configuration
ODR1
ODR0
ODR (Hz)
0
0
10 (default)
01
20
10
50
1
1
100
Table 26. Mode of operation
MD1
MD0
Mode
00
Continuous mode. In continuous mode the device continuously
performs measurements and places the result in the data register. The
data-ready signal is generated when a new data set is ready to be
read. This signal can be available on the external pin by setting the
DRDY_on_PIN bit in CFG_REG_C (62h).
01
Single mode. When single mode is selected, the device performs a
single measurement, sets DRDY high and returns to idle mode. Mode
register returns to idle mode bit values.
1
0
Idle mode. Device is placed in idle mode. I2C and SPI active.
1
1
Idle mode. Device is placed in idle mode. I2C and SPI active (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com