Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 17Page - STMicroelectronics LIS2MDL Datasheet HTML 18Page - STMicroelectronics LIS2MDL Datasheet HTML 19Page - STMicroelectronics LIS2MDL Datasheet HTML 20Page - STMicroelectronics LIS2MDL Datasheet HTML 21Page - STMicroelectronics LIS2MDL Datasheet HTML 22Page - STMicroelectronics LIS2MDL Datasheet HTML 23Page - STMicroelectronics LIS2MDL Datasheet HTML 24Page - STMicroelectronics LIS2MDL Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID030621 Rev 5
21/41
LIS2MDL
Application hints
41
5.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standards.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
5.2
High-current wiring effects
High current in wiring and printed circuit traces can be culprits in causing errors in magnetic
field measurements for compassing.
Conductor-generated magnetic fields will add to the Earth’s magnetic field, leading to errors
in compass heading computation.
Keep currents higher than 10 mA a few millimeters away from the sensor IC.
5.3
Startup sequence
The following general-purpose sequence can be used to configure the device:
1. Write CFG_REG_A = 80h
// Enable temperature compensation
//Mag = 10 Hz (high-resolution and continuous mode)
2. Write CFG_REG_C = 01h
// Mag data-ready interrupt enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com