Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 22 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 18Page - STMicroelectronics LIS2MDL Datasheet HTML 19Page - STMicroelectronics LIS2MDL Datasheet HTML 20Page - STMicroelectronics LIS2MDL Datasheet HTML 21Page - STMicroelectronics LIS2MDL Datasheet HTML 22Page - STMicroelectronics LIS2MDL Datasheet HTML 23Page - STMicroelectronics LIS2MDL Datasheet HTML 24Page - STMicroelectronics LIS2MDL Datasheet HTML 25Page - STMicroelectronics LIS2MDL Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Digital interfaces
LIS2MDL
22/41
DocID030621 Rev 5
6
Digital interfaces
The registers embedded inside the LIS2MDL may be accessed through both the I2C and
3W SPI serial interfaces.
The serial interfaces are mapped to the same pads. To select/exploit the I2C interface, the
CS line must be tied high (i.e. connected to Vdd_IO).
6.1
I2C serial interface
The LIS2MDL I2C is a bus slave. The I2C is employed to write data into registers whose
content can also be read back.
The relevant I2C terminology is given in the table below.
There are two signals associated with the I2C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bidirectional line used for sending and receiving the data
to/from the interface. Both the lines must be connected to Vdd_IO through an external pull-
up resistor. When the bus is free, both the lines are high.
The I2C interface is compliant with standard mode (100 kHz), fast mode (400 kHz), fast
mode plus (1 MHz) and high-speed mode (3.4 MHz).
Table 15. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3W SPI interface serial data output (SDO)
SDO
4W SPI interface serial data output (SDO)
Table 16. I2C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com