Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 16Page - STMicroelectronics LIS2MDL Datasheet HTML 17Page - STMicroelectronics LIS2MDL Datasheet HTML 18Page - STMicroelectronics LIS2MDL Datasheet HTML 19Page - STMicroelectronics LIS2MDL Datasheet HTML 20Page - STMicroelectronics LIS2MDL Datasheet HTML 21Page - STMicroelectronics LIS2MDL Datasheet HTML 22Page - STMicroelectronics LIS2MDL Datasheet HTML 23Page - STMicroelectronics LIS2MDL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Application hints
LIS2MDL
20/41
DocID030621 Rev 5
Note:
In order to program INT/DRDY as a push-pull output, write the INT_on_PIN bit or
DRDY_on_PIN bit to '1' in CFG_REG_C (62h).
Please refer to AN5069 for more information (magnetometer offset cancellation,
magnetometer hard-iron compensation, interrupt generation, self-test procedure).
Table 14. Internal pin status
Pin#
Name
Function
Pin status
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
Default: input without pull-up
2
NC
Internally not connected
3CS
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
Default: input without pull-up
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
Default: (SDA) input without pull-up
5
C1
Capacitor connection (C1 = 220 nF)
External capacitor, voltage forced
by the device
6
GND
0 V
7
INT/DRDY/SDO
Interrupt/data-ready signal or SDO for 4-wire SPI
interface
Default: output high impedance
8
GND
0 V
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
NC
Internally not connected
12
NC
Internally not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com