Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 27Page - STMicroelectronics LIS2MDL Datasheet HTML 28Page - STMicroelectronics LIS2MDL Datasheet HTML 29Page - STMicroelectronics LIS2MDL Datasheet HTML 30Page - STMicroelectronics LIS2MDL Datasheet HTML 31Page - STMicroelectronics LIS2MDL Datasheet HTML 32Page - STMicroelectronics LIS2MDL Datasheet HTML 33Page - STMicroelectronics LIS2MDL Datasheet HTML 34Page - STMicroelectronics LIS2MDL Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID030621 Rev 5
31/41
LIS2MDL
Register description
41
8.6
CFG_REG_B (61h)
Table 27. CFG_REG_B_M register
Table 28. CFG_REG_B_M register description
00
0
OFF_
CANC_
ONE_
SHOT
INT_on_
DataOFF
Set_FREQ
OFF_CANC
LPF
OFF_CANC_
ONE_SHOT
Enables offset cancellation in single measurement mode. The OFF_CANC bit
must be set to 1 when enabling offset cancellation in single measurement mode.
Default value: 0
(0: offset cancellation in single measurement mode disabled;
1: offset cancellation in single measurement mode enabled)
INT_on_
DataOFF
If ‘1’, the interrupt block recognition checks data after the hard-iron correction to
discover the interrupt. Default value: 0
Set_FREQ
Selects the frequency of the set pulse. Default value: 0
(0: set pulse is released every 63 ODR;
1: set pulse is released only at power-on after PD condition)
OFF_CANC
Enables offset cancellation. Default value: 0
(0: offset cancellation disabled; 1: offset cancellation enabled)
LPF
Enables low-pass filter (see Table 29). Default value: 0
(0: digital filter disabled; 1: digital filter enabled)
Table 29. Digital low-pass filter
CFG_REG_B[LPF]
BW [Hz]
0 (disable)
ODR/2
1 (enable)
ODR/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com