Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 30Page - STMicroelectronics LIS2MDL Datasheet HTML 31Page - STMicroelectronics LIS2MDL Datasheet HTML 32Page - STMicroelectronics LIS2MDL Datasheet HTML 33Page - STMicroelectronics LIS2MDL Datasheet HTML 34Page - STMicroelectronics LIS2MDL Datasheet HTML 35Page - STMicroelectronics LIS2MDL Datasheet HTML 36Page - STMicroelectronics LIS2MDL Datasheet HTML 37Page - STMicroelectronics LIS2MDL Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Register description
LIS2MDL
34/41
DocID030621 Rev 5
Table 39. INT_THS_H_REG register description
These registers set the threshold value for the output to generate the interrupt (INT bit in
INT_SOURCE_REG (64h)). This threshold is common to all three (axes) output values and
is unsigned unipolar. The threshold value is correlated to the current gain and it is unsigned
because the threshold is considered as an absolute value, but crossing the threshold is
detected for both positive and negative sides.
8.12
STATUS_REG (67h)
The status register is an 8-bit read-only register. This register is used to indicate device
status.
Table 40. STATUS_REG register
Table 41. STATUS_REG register description
8.13
OUTX_L_REG, OUTX_H_REG (68h - 69h)
The data output X registers are two 8-bit registers, data output X MSB register (69h) and
output X LSB register (68h).
The output data represents the raw magnetic data only if OFFSET_X_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 42. OUTX_L_REG register
TH[15:8]
Threshold value for the interrupt.
Zyxor
zor
yor
xor
Zyxda
zda
yda
xda
Zyxor
X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set).
zor
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data).
yor
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data).
xor
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data).
Zyxda
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available).
zda
Z-axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available; 1: a new data for the Z-axis is available)
yda
Y-axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available; 1: a new data for the Y-axis is available)
xda
X-axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available; 1: a new data for the X-axis is available)
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com