Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 32Page - STMicroelectronics LIS2MDL Datasheet HTML 33Page - STMicroelectronics LIS2MDL Datasheet HTML 34Page - STMicroelectronics LIS2MDL Datasheet HTML 35Page - STMicroelectronics LIS2MDL Datasheet HTML 36Page - STMicroelectronics LIS2MDL Datasheet HTML 37Page - STMicroelectronics LIS2MDL Datasheet HTML 38Page - STMicroelectronics LIS2MDL Datasheet HTML 39Page - STMicroelectronics LIS2MDL Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Register description
LIS2MDL
36/41
DocID030621 Rev 5
8.14
OUTY_L_REG, OUTY_H_REG (6Ah - 6Bh)
The data output Y registers are two 8-bit registers, data output Y MSB register (6Bh) and
output Y LSB register (6Ah).
The output data represents the raw magnetic data only if OFFSET_Y_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 44. OUTY_L_REG register
Table 45. OUTY_H_REG register
The value of the magnetic field is expressed in two’s complement. This register contains the
Y component of the magnetic data.
8.15
OUTZ_L_REG, OUTZ_H_REG (6Ch - 6Dh)
The data output Z registers are two 8-bit registers, data output Z MSB register (6Bh) and
output Z LSB register (6Ah).
The output data represents the raw magnetic data only if OFFSET_Z_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 46. OUTZ_L_REG register
Table 47. OUTZ_H_REG register
The value of the magnetic field is expressed in two’s complement. This register contains the
Z component of the magnetic data.
8.16
TEMP_OUT_L_REG (6Eh), TEMP_OUT_H_REG (6Fh)
Temperature sensor data.
These registers contain temperature values from the internal temperature sensor. The
output value is expressed as a signed 16-bit byte in 2’s complement. The four most
significant bits contain a copy of the sign bit.
The nominal sensitivity is 8 LSB/°C.
0
0
0
0
0000
0
0
0
0
0000
0
0
0
0
0000
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com