Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2MDL Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 29Page - STMicroelectronics LIS2MDL Datasheet HTML 30Page - STMicroelectronics LIS2MDL Datasheet HTML 31Page - STMicroelectronics LIS2MDL Datasheet HTML 32Page - STMicroelectronics LIS2MDL Datasheet HTML 33Page - STMicroelectronics LIS2MDL Datasheet HTML 34Page - STMicroelectronics LIS2MDL Datasheet HTML 35Page - STMicroelectronics LIS2MDL Datasheet HTML 36Page - STMicroelectronics LIS2MDL Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DocID030621 Rev 5
33/41
LIS2MDL
Register description
41
8.9
INT_SOURCE_REG (64h)
When interrupt latched is selected, reading this register resets all the bits in this register.
Table 34. INT_SOURCE_REG register
Table 35. INT_SOURCE_REG register description
8.10
INT_THS_L_REG (65h)
This register contains the least significant bits of the threshold value chosen for the interrupt.
Table 36. INT_THS_L_REG register
Table 37. INT_THS_L_REG register description
8.11
INT_THS_H_REG (66h)
This register contains the most significant bits of the threshold value chosen for the
interrupt.
Table 38. INT_THS_H_REG register
IEL
Controls whether the INT bit (INT_SOURCE_REG (64h)) is latched or pulsed. Default: 0
If IEL = 0, then INT is pulsed.
If IEL = 1, then INT is latched.
Once latched, INT remains in the same state until INT_SOURCE_REG (64h) is read.
IEN
Interrupt enable. When set, enables the interrupt generation. The INT bit
is in INT_SOURCE_REG (64h). Default: 0
Table 33. INT_CTRL_REG register description (continued)
P_TH_S_
X
P_TH_S_
Y
P_TH_S_
Z
N_TH_S_
X
N_TH_S_
Y
N_TH_S_
Z
MROI
INT
P_TH_S_X
X-axis value exceeds the threshold positive side
P_TH_S_Y
Y-axis value exceeds the threshold positive side
P_TH_S_Z
Z-axis value exceeds the threshold positive side
N_TH_S_X
X-axis value exceeds the threshold negative side
N_TH_S_Y
Y-axis value exceeds the threshold negative side
N_TH_S_Z
Z-axis value exceeds the threshold negative side
MROI
MROI flag generation is alway enabled.This flag is reset by reading
INT_SOURCE_REG (64h).
INT
This bit signals when the interrupt event occurs.
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
TH[7:0]
Threshold value for the interrupt.
TH15
TH14
TH13
TH12
TH11
TH10
TH9
TH8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com