Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 5 Page - STMicroelectronics

  STSPIN220 Datasheet HTML 1Page - STMicroelectronics STSPIN220 Datasheet HTML 2Page - STMicroelectronics STSPIN220 Datasheet HTML 3Page - STMicroelectronics STSPIN220 Datasheet HTML 4Page - STMicroelectronics STSPIN220 Datasheet HTML 5Page - STMicroelectronics STSPIN220 Datasheet HTML 6Page - STMicroelectronics STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
3
Electrical characteristics
Test conditions: VS = 5 V, Tj = 25 °C unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply
VSth (ON) VS turn-on voltage
VS rising from 0 V
1.45
1.65
1.79
V
VSth
(OFF)
VS turn-off voltage
VS falling from 5 V
1.3
1.45
1.65
V
VSth
(HYS)
VS hysteresis voltage
180
mV
IS
VS supply current
No commutations
EN = ‘0’
ROFF = 160 kΩ
960
1300
μA
No commutations
EN = ‘1’
ROFF = 160 kΩ
1500
1950
μA
IS,STBY VS standby current
STBY = 0 V
10
80
nA
VSTBYL
Standby low logic level input
voltage
0.9
V
VSTBYH
Standby high logic level input
voltage
1.48
V
Power stage
RDS (ON)
HS+LS
Total ON resistance HS + LS
VS = 10 V,
IOUT = 1.3 A
0.4
0.65
Ω
VS = 10 V,
IOUT = 1.3 A,
Tj = 125 °C (1)
0.53
0.87
VS = 3 V,
IOUT = 0.4 A
0.53
0.8
IDSS
Leakage current
OUTx = VS
1
µA
OUTx = GND
- 1
VDF
Freewheeling diode forward
voltage
ID = 1.3 A
0.9
V
trise
Rise time
VS = 10 V;
unloaded outputs
10
ns
tfall
Fall time
VS = 10 V;
unloaded outputs
10
ns
tDT
Dead time
50
ns
Current control
STSPIN220
Electrical characteristics
DS11633 - Rev 4
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com