Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 19Page - STMicroelectronics STSPIN220 Datasheet HTML 20Page - STMicroelectronics STSPIN220 Datasheet HTML 21Page - STMicroelectronics STSPIN220 Datasheet HTML 22Page - STMicroelectronics STSPIN220 Datasheet HTML 23Page - STMicroelectronics STSPIN220 Datasheet HTML 24Page - STMicroelectronics STSPIN220 Datasheet HTML 25Page - STMicroelectronics STSPIN220 Datasheet HTML 26Page - STMicroelectronics STSPIN220 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
List of figures
Figure 2.
Block diagram .................................................................... 2
Figure 3.
Pin connection (top view) ............................................................. 7
Figure 4.
Typical application schematic .......................................................... 8
Figure 5.
STCK and DIR timing .............................................................. 10
Figure 6.
Mode selection example ............................................................ 10
Figure 7.
PWM current control sequence ........................................................ 14
Figure 8.
OFF time regulation circuit ........................................................... 14
Figure 9.
OFF time vs. ROFF value ............................................................ 15
Figure 10.
Overcurrent and short-circuit protection management ........................................ 16
Figure 11.
Disable time versus REN and CEN values (VDD = 3.3 V) ....................................... 17
Figure 12.
Disable time versus REN and CEN values (VDD = 1.8 V) ....................................... 17
Figure 13.
Thermal shutdown management ....................................................... 18
Figure 14.
Power stage resistance versus supply voltage ............................................. 19
Figure 15.
Power stage resistance versus temperature ............................................... 19
Figure 16.
Overcurrent threshold versus supply voltage .............................................. 20
Figure 17.
VFQFPN 3x3x1.0 16L package outline .................................................. 21
Figure 18.
VFQFPN 3x3x1.0 16L recommended footprint ............................................. 22
STSPIN220
List of figures
DS11633 - Rev 4
page 26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com