Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics STSPIN220 Datasheet HTML 10Page - STMicroelectronics STSPIN220 Datasheet HTML 11Page - STMicroelectronics STSPIN220 Datasheet HTML 12Page - STMicroelectronics STSPIN220 Datasheet HTML 13Page - STMicroelectronics STSPIN220 Datasheet HTML 14Page - STMicroelectronics STSPIN220 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Table 9. Target reference and current direction according to sequencer value (full-step mode)
Sequencer value
Phase A
Phase B
Reference voltage
Current direction
Reference
voltage
Current
direction
0
0
X X
X
X
X
X
X
X
100% × VREF
A1 → A2
100% × VREF
B1 → B2
0
1 X
X
X
X
X
X
X
X
100% × VREF
A1 → A2
100% × VREF
B1 ← B2
1
0 X
X
X
X
X
X
X
X
100% × VREF
A1 ← A2
100% × VREF
B1 ← B2
1
1 X
X
X
X
X
X
X
X
100% × VREF
A1 ← A2
100% × VREF
B1 → B2
When the step mode is different from the full-step mode the values listed in Table 10. Target reference and current
direction according to sequencer value (not full-step mode) are used.
Table 10. Target reference and current direction according to sequencer value (not full-step mode)
Sequencer value
Phase A
Phase B
Reference voltage
Current
direction
Reference voltage
Current
direction
0 0 0 0 0 0 0 0 0 0
Zero
(power bridge disabled)
-
100% × VREF
B1 → B2
0 0
N
Sin(N/256 × π/2) × VREF
A1 → A2
Cos(N/256 × π/2) × VREF
B1 → B2
0 1 0 0 0 0 0 0 0 0
100% × VREF
A1 → A2
Zero
(power bridge disabled)
-
0 1
N
Sin(π/2 + N/256 × π/2) ×
VREF
A1 → A2
Cos(π/2 + N/256 × π/2) ×
VREF
B1 ← B2
1 0 0 0 0 0 0 0 0 0
Zero
(power bridge disabled)
-
100% × VREF
B1 ← B2
1 0
N
Sin(N/256 × π/2) × VREF
A1 ← A2
Cos(N/256 × π/2) × VREF
B1 ← B2
1 1 0 0 0 0 0 0 0 0
100% × VREF
A1 ← A2
Zero
(power bridge disabled)
-
1 1
N
Sin(π/2 + N/256 × π/2) ×
VREF
A1 ← A2
Cos(π/2 + N/256 × π/2) ×
VREF
B1 → B2
The following table shows the target reference and sequencer values for 1/2-, 1/4- and 1/8-step operation. Higher
microstepping resolutions follow the same pattern. The reset state (home state) for all stepping mode is entered
at power-up or when the device exits the standby status.
Table 11. Example
1/2 step
1/4 step
1/8 step
VREF phase A
VREF phase B
Sequencer value
1
1
1
0%
100%
0000000000
home state
2
19.509%
98.079%
0000100000
2
3
38.268%
92.388%
0001000000
4
55.557%
83.147%
0001100000
STSPIN220
Microstepping sequencer
DS11633 - Rev 4
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com