Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 19Page - STMicroelectronics STSPIN220 Datasheet HTML 20Page - STMicroelectronics STSPIN220 Datasheet HTML 21Page - STMicroelectronics STSPIN220 Datasheet HTML 22Page - STMicroelectronics STSPIN220 Datasheet HTML 23Page - STMicroelectronics STSPIN220 Datasheet HTML 24Page - STMicroelectronics STSPIN220 Datasheet HTML 25Page - STMicroelectronics STSPIN220 Datasheet HTML 26Page - STMicroelectronics STSPIN220 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Revision history
Table 15. Document revision history
Date
Version
Changes
06-May-2016
1
Initial release.
30-Jun-2016
2
- Updated document status to Datasheet - production data on page 1.
- Updated Table 1 (changed Max. value of VS from 12 to 11) and Table 7 (changed tOFF
value from
≅47 µs to ≅37 µs).
28-Nov-2016
3
- Updated Figure 1 in Section 1 Block diagram (replaced by new figure).
- Updated Table 2 in Section 2.2 Recommended operating conditions (added tINw
symbol).
- Updated Table 3 in Section 2.3 Thermal data(replaced by new table).
- Updated Table 8 in Section 6.2 Microstepping sequencer [removed "Sequencer module
(binary)" column].
- Added Table 11 in Section 6.2 Microstepping sequencer.
- Updated Table 13 in (updated title).
- Updated Figure 13 in (replaced by new figure).
- Minor modifications throughout document.
21-Mar-2019
4
Updated Section 8.1 VFQFPN 3x3x1.0 16L package information
STSPIN220
DS11633 - Rev 4
page 23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com