Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 2Page - STMicroelectronics STSPIN220 Datasheet HTML 3Page - STMicroelectronics STSPIN220 Datasheet HTML 4Page - STMicroelectronics STSPIN220 Datasheet HTML 5Page - STMicroelectronics STSPIN220 Datasheet HTML 6Page - STMicroelectronics STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics STSPIN220 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VSNS,OF
FSET
Sensing offset
VREF = 0.5 V;
Internal reference 20% VREF
-15
+15
mV
tOFF
Total OFF time
ROFF = 10 kΩ
9
µs
ROFF = 160 kΩ
125
µs
ΔfOSC
Internal oscillator precision
(fOSC/fOSC,ID)
ROFF = 20 kΩ
-20%
+20%
tOFF,jitter Total OFF time jittering
ROFF = 10 kΩ
2%
tOFF,SLO
W
Slow decay time
5/8 ×
tOFF
µs
tOFF,FAS
T
Fast decay time
3/8 ×
tOFF
µs
Logic IOs
VIH
High logic level input voltage
1.6
V
VIL
Low logic level input voltage
0.6
V
VRELEAS
E
FAULT open drain release
voltage
0.4
V
VOL
EN Low logic level output
voltage
IEN = 4 mA
0.4
V
RSTBY
STBY pull-down resistance
36
kΩ
IPDEN
EN pull-down current
10.5
µA
tENd
EN input propagation delay
From EN falling edge to OUT high
impedance
55
ns
tMODEho MODEx input hold time
From STBY edge, see Figure 6
100
µs
tMODEsu MODEx input setup time
From STBY edge, see Figure 6
1
µs
tDIRh
DIR input hold time
From STCK rising edge, see Figure 5
100
ns
tDIRsu
DIR input setup time
From STCK rising edge, see Figure 5
100
ns
tSTCKH STCK high time
See Figure 5
100
ns
tSTCKL
STCK low time
See Figure 5
100
ns
fSTCK
STCK inputs frequency
See Figure 5
1
MHz
Protections
TjSD
Thermal shutdown threshold
160
°C
TjSD,Hyst Thermal shutdown hysteresis
40
°C
IOC
Overcurrent threshold
See Figure 15. Power stage resistance
versus temperature
2
A
1. Based on characterization data on a limited number of samples, not tested during production.
STSPIN220
Electrical characteristics
DS11633 - Rev 4
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com