Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 3 Page - STMicroelectronics

  STSPIN220 Datasheet HTML 1Page - STMicroelectronics STSPIN220 Datasheet HTML 2Page - STMicroelectronics STSPIN220 Datasheet HTML 3Page - STMicroelectronics STSPIN220 Datasheet HTML 4Page - STMicroelectronics STSPIN220 Datasheet HTML 5Page - STMicroelectronics STSPIN220 Datasheet HTML 6Page - STMicroelectronics STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VS
Supply voltage
-0.3 to 11
V
VIN
Logic input voltage
-0.3 to 5.5
V
VOUT - VSENSE
Output-to-sense voltage drop
Up to 12
V
VS - VOUT
Supply-to-output voltage drop
Up to 12
V
VSENSE
Sense pin voltage
-1 to 1
V
VREF
Reference voltage input
-0.3 to 1
V
IOUT,RMS
Continuous power stage output current (each bridge)
1.3
Arms
Tj,OP
Operative junction temperature
-40 to 150
°C
Tj,STG
Storage junction temperature
-55 to 150
°C
2.2
Recommended operating conditions
Table 2. Recommended operating conditions
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VS
Supply voltage
1.8
10
V
VIN
Logic input voltage
0
5
V
VREF
Reference voltage input
0.1
0.5
V
tINw
Logic inputs positive/negative pulse width
300
ns
2.3
Thermal data
Table 3. Thermal data
Symbol
Parameter
Conditions
Value
Unit
Rth (JA)
Junction to ambient thermal
resistance
Natural convection, according to JESD51-2a (1)
57.1
°C/W
RthJCtop
Junction to case thermal resistance
(top side)
Simulation with cold plate on package top
67.3
°C/W
RthJCbot
Junction to case thermal resistance
(bottom side)
Simulation with cold plate on exposed pad
9.1
°C/W
RthJB
Junction to board thermal resistance According to JESD51-8(1)
23.3
°C/W
ψJT
Junction to top characterization
According to JESD51-2a(1)
3.3
°C/W
ψJB
Junction to board characterization
According to JESD51-2a(1)
22.6
°C/W
1. Simulated on a 21.2x21.2 mm board, 2s2p 1 Oz copper and four 300 µm vias below exposed pad.
STSPIN220
DS11633 - Rev 4
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com