Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics STSPIN220 Datasheet HTML 10Page - STMicroelectronics STSPIN220 Datasheet HTML 11Page - STMicroelectronics STSPIN220 Datasheet HTML 12Page - STMicroelectronics STSPIN220 Datasheet HTML 13Page - STMicroelectronics STSPIN220 Datasheet HTML 14Page - STMicroelectronics STSPIN220 Datasheet HTML 15Page - STMicroelectronics STSPIN220 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
1/2 step
1/4 step
1/8 step
VREF phase A
VREF phase B
Sequencer value
2
3
5
70.711%
70.711%
0010000000
6
83.147%
55.557%
0010100000
4
7
92.388%
19.509%
0011100000
8
98.079%
19.509%
0011100000
3
5
9
100%
0%
0100000000
10
98.079%
-19.509%
0100100000
6
11
92.388%
-38.268%
0101000000
12
83.147%
-55.557%
0101100000
4
7
13
70.711%
-70.711%
0110000000
14
55.557%
-83.147%
0110100000
8
15
38.268%
-92.388%
0111000000
16
19.509%
-98.079%
1000100000
5
9
17
0%
100%
1000000000
18
-19.509%
-98.079%
1000100000
10
19
-38.268%
-92.388%
1001000000
20
-55.557%
-83.147%
1001100000
6
11
21
-70.711%
-70.711%
1010000000
22
-83.147%
-55.557%
1010100000
12
23
-92.388%
-38.268%
1011000000
24
-98.079%
-19.509%
1011100000
7
13
25
-100%
0%
1100000000
26
-98.079%
19.509%
1100100000
14
27
-92.388%
38.268%
1101000000
28
-83.147%
55.557%
1101100000
8
15
29
-70.711%
70.711%
1110000000
30
-55.557%
83.147%
1110100000
16
31
-38.268%
92.388%
1111000000
32
-19.509%
98.079%
1111100000
Note:
The positive number means that the output current is flowing from OUTx1 to OUTx2, vice versa for a negative
value.
6.3
PWM current control
The device implements two independent PWM current controllers, one for each full bridge.
The voltage of the sense pins (VSENSEA and VSENSEB) is compared to the respective internal reference generated
based on the sequencer value (see Table 9. Target reference and current direction according to sequencer value
(full-step mode) and Table 10. Target reference and current direction according to sequencer value (not full-step
mode)).
When VSENSEX > VREFX, the integrated comparator is triggered, the OFF time counter is started and the decay
sequence is performed.
The decay sequence starts turning on both the low sides of the full bridge. When 5/8ths of the programmed OFF
time (tOFF,SLOW) has expired, the decay sequence performs a quasi-synchronous fast decay.
STSPIN220
PWM current control
DS11633 - Rev 4
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com