Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 18Page - STMicroelectronics STSPIN220 Datasheet HTML 19Page - STMicroelectronics STSPIN220 Datasheet HTML 20Page - STMicroelectronics STSPIN220 Datasheet HTML 21Page - STMicroelectronics STSPIN220 Datasheet HTML 22Page - STMicroelectronics STSPIN220 Datasheet HTML 23Page - STMicroelectronics STSPIN220 Datasheet HTML 24Page - STMicroelectronics STSPIN220 Datasheet HTML 25Page - STMicroelectronics STSPIN220 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Table 14. VFQFPN 3x3x1.0 16L package mechanical data
Symbol
Dimensions
(mm)
Min.
Typ.
Max.
Notes
A
0.80
0.90
1.00
(1) (2)
A1
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
2.9
3.00
3.1
D1
1.50
D2
1.70
1.80
1.90
E
2.9
3.00
3.1
E1
1.50
E2
1.70
1.80
1.90
e
0.45
0.50
0.55
L
0.30
0.40
0.50
ddd
0.08
1. VFQFPN stands for "thermally-enhanced very thin fine pitch quad package, no lead". Very thin: 0.80 < A ≤ 1.00 mm / Fine
pitch: e < 1.00 mm. The pin 1 identifier must be present on the top surface of the package as an indentation mark or other
feature of the package body.
2. The chamfer of lead n 1,4,5,8,9,12,13,16 is 0.042 mm in both, x and y direction, with 45°.s
Figure 18. VFQFPN 3x3x1.0 16L recommended footprint
STSPIN220
VFQFPN 3x3x1.0 16L package information
DS11633 - Rev 4
page 22/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com