Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 4Page - STMicroelectronics STSPIN220 Datasheet HTML 5Page - STMicroelectronics STSPIN220 Datasheet HTML 6Page - STMicroelectronics STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics STSPIN220 Datasheet HTML 10Page - STMicroelectronics STSPIN220 Datasheet HTML 11Page - STMicroelectronics STSPIN220 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
5
Typical application
Table 7. Typical application values
Name
Value
CS
2.2 µF / 16V
CSPOL
22 µF / 16V
RSNSA, RSNSB
330 mΩ / 1W
CEN
10 nF / 6.3V
REN
18 kΩ
CSTBY
1 nF / 6.3V
RSTBY
18 kΩ
COFF
22 nF
RCOFF
1 kΩ
ROFF
47 kΩ (tOFF
≅ 37 µs)
Figure 4. Typical application schematic
STSPIN220
VS
V
S
STBY
EN\FAULT
STCK\MODE3
DIR\MODE4
MODE1
PWM
MODE2
REF
TOFF
GND
OUTA1
OUTA2
OUTB1
SENSEA
SENSEB
OUTB2
V
DD
Stepper
motor
C
SPOL
C
S
C
STBY
C
EN
R
SNSA
R
STBY
V
DD
R
EN
C
RCOFF
R
RCOFF
R
SNSB
R
OFF
STSPIN220
Typical application
DS11633 - Rev 4
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com