Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 13Page - STMicroelectronics STSPIN220 Datasheet HTML 14Page - STMicroelectronics STSPIN220 Datasheet HTML 15Page - STMicroelectronics STSPIN220 Datasheet HTML 16Page - STMicroelectronics STSPIN220 Datasheet HTML 17Page - STMicroelectronics STSPIN220 Datasheet HTML 18Page - STMicroelectronics STSPIN220 Datasheet HTML 19Page - STMicroelectronics STSPIN220 Datasheet HTML 20Page - STMicroelectronics STSPIN220 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Figure 11. Disable time versus REN and CEN values (VDD = 3.3 V)
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
CEN [nF]
R
EN = 3.3 kΩ
R
EN = 4.7 kΩ
R
EN = 2.2 kΩ
R
EN = 6.8 kΩ
R
EN = 10 kΩ
R
EN = 18 kΩ
Figure 12. Disable time versus REN and CEN values (VDD = 1.8 V)
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
CEN [nF]
R
EN = 3.3 kΩ
R
EN = 4.7 kΩ
R
EN = 2.2 kΩ
R
EN = 6.8 kΩ
R
EN = 10 kΩ
R
EN = 18 kΩ
6.5
Thermal shutdown
The device embeds circuitry protecting it from the overtemperature conditions.
STSPIN220
Thermal shutdown
DS11633 - Rev 4
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com