Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 11Page - STMicroelectronics STSPIN220 Datasheet HTML 12Page - STMicroelectronics STSPIN220 Datasheet HTML 13Page - STMicroelectronics STSPIN220 Datasheet HTML 14Page - STMicroelectronics STSPIN220 Datasheet HTML 15Page - STMicroelectronics STSPIN220 Datasheet HTML 16Page - STMicroelectronics STSPIN220 Datasheet HTML 17Page - STMicroelectronics STSPIN220 Datasheet HTML 18Page - STMicroelectronics STSPIN220 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
The relationship between the OFF time and the external resistor value is shown in Figure 8. OFF time regulation
circuit. The value typically ranges from 10 µs to 150 µs.
Table 13. Recommended R
RCOFF and C RCOFF values according to R OFF
ROFF
RRCOFF
CRCOFF
10 kΩ ≤ ROFF < 82 kΩ
1 kΩ
22 nF
82 kΩ ≤ ROFF ≤ 160 kΩ
2.2 kΩ
22 nF
Figure 9. OFF time vs. ROFF value
0
20
40
60
80
100
120
140
0
50
100
150
200
Off resistor [kohm]
6.4
Overcurrent and short-circuit protection
The device embeds circuitry protecting each power output against the overload and short circuit conditions (short-
circuit to ground, short-circuit to VS and short-circuit between outputs).
When the overcurrent or short-circuit protection is triggered, the power stage is disabled and the EN\FAULT input
is forced low through the integrated open-drain MOSFET discharging the external CEN capacitor (refer to
Figure 10. Overcurrent and short-circuit protection management).
The power stage is kept disabled and the open-drain MOSFET is kept ON until the EN\FAULT input falls below
the VRELEASE threshold, then the CEN capacitor is charged through the external REN resistor.
STSPIN220
Overcurrent and short-circuit protection
DS11633 - Rev 4
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com