Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN220 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN220
Description  Low voltage stepper motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN220 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN220 Datasheet HTML 5Page - STMicroelectronics STSPIN220 Datasheet HTML 6Page - STMicroelectronics STSPIN220 Datasheet HTML 7Page - STMicroelectronics STSPIN220 Datasheet HTML 8Page - STMicroelectronics STSPIN220 Datasheet HTML 9Page - STMicroelectronics STSPIN220 Datasheet HTML 10Page - STMicroelectronics STSPIN220 Datasheet HTML 11Page - STMicroelectronics STSPIN220 Datasheet HTML 12Page - STMicroelectronics STSPIN220 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
6
Functional description
The STSPIN220 is a stepper motor driver integrating a microstepping sequencer (up to 1/256th of a step), two
PWM current controllers and a power stage composed of two fully-protected full-bridges.
6.1
Standby and power-up
The device provides a low consumption mode which is set forcing the STBY\RESET input below the VSTBYL
threshold.
When the device is in standby status, the power stage is disabled (outputs are in high impedance) and the supply
to the integrated control circuitry is cut off. When the device exits the standby status, all of the control circuitry is
reset to power-up condition.
At power-up, power-down and when leaving the standby condition, the EN/FAULT pin is forced low until the
internal circuitry stabilize.
6.2
Microstepping sequencer
The value of the MODEx inputs is latched at power-up and when the device exits the STBY condition. After this,
the input value is unimportant and the MODE3 and MODE4 inputs start operating as step-clock and direction
input.
The only exception is the MODE1 = MODE2 = LOW condition; in this case the system is forced into full-step
mode. The previous condition is restored as soon as the MODE1 and MODE2 inputs switch to a different
combination.
An example of mode selection is shown in Figure 5. STCK and DIR timing.
At each STCK rising edge, the sequencer of the device is increased (DIR input high) or decreased (DIR input low)
of a module selected through the MODEx inputs as listed in Table 8. Step mode selection through MODEx inputs.
The sequencer is a 10-bit counter that sets the reference value of the PWM current controller and the direction of
the current for both of the H bridges.
Table 8. Step mode selection through MODEx inputs
MODE3
(STCK)
MODE4
(DIR)
MODE1
MODE2
Step mode
0
0
0
0
Full-step
0
0
0
1
1/32nd step
0
0
1
0
1/128th step
0
0
1
1
1/256th step
0
1
0
0
Full-step - 1/32nd step (1)
0
1
0
1
1/4th step
0
1
1
0
1/256th step
0
1
1
1
1/64th step
1
0
0
0
Full-step - 1/128nd step
(1)
1
0
0
1
1/256th step
1
0
1
0
1/2 step
1
0
1
1
1/8th step
1
1
0
0
Full-step - 1/256th step
(1)
1
1
0
1
1/64th step
STSPIN220
Functional description
DS11633 - Rev 4
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com