Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 18 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology MGC3140 Datasheet HTML 18Page - Microchip Technology MGC3140 Datasheet HTML 19Page - Microchip Technology MGC3140 Datasheet HTML 20Page - Microchip Technology MGC3140 Datasheet HTML 21Page - Microchip Technology MGC3140 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
5.3
External Rx Electrodes
Rx electrodes are connected to the MGC3140. An electrode needs to be individually designed following
the guide lines from the "GestIC Design Guide” (DS40001716), for optimal E-field distribution and
detection of E-field variations inflicted by a user.
5.3.1
Electrode Equivalent Circuit
The hand position tracking and gesture recognition capabilities of a GestIC system depend on the
electrode design and their material characteristics.
A simplified equivalent circuit model of a generic GestIC electrode system is illustrated in the following
figure:
Figure 5-2. Electrodes Capacitive Equivalent Circuitry Earth Grounded
CRXTX
CTXG
CRXG
System ground
Transmitter signal
Electrode signal
CH
Earth ground
E-field
VTX
System Ground
eRx
eTx
External Electrodes
VRXBUF
VTx
Tx electrode voltage
VRxBuf MGC3140 Rx input voltage
CH
Capacitance between receive electrode and hand (earth ground). The user’s hand can always
be considered as earth-grounded due to the comparable large size of the human body.
CRxTx Capacitance between receive and transmit electrodes
CRxG Capacitance of the receive (Rx) electrode to system ground + input capacitance of the
MGC3140 receiver circuit
CTxG
Capacitance of the transmit (Tx) electrode to system ground
eRx
Rx electrode
eTx
Tx electrode
The Rx and Tx electrodes in a GestIC electrode system build a capacitance voltage divider with the
capacitances CRxTx and CRxG which are determined by the electrode design. CTxG represents the Tx
electrode capacitance to system ground driven by the Tx signal. The Rx electrode measures the potential
of the generated E-field. If a conductive object (e.g., a hand) approaches the Rx electrode, CH changes
its capacitance. Femtofarad changes are detected by the MGC3140 receiver. The equivalent circuit
formula for the earth-grounded circuitry is described in the following equation:
MGC3140
System Architecture
© 2018 Microchip Technology Inc.
DS40002037A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com