Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 19 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology MGC3140 Datasheet HTML 18Page - Microchip Technology MGC3140 Datasheet HTML 19Page - Microchip Technology MGC3140 Datasheet HTML 20Page - Microchip Technology MGC3140 Datasheet HTML 21Page - Microchip Technology MGC3140 Datasheet HTML 22Page - Microchip Technology MGC3140 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Equation 5-1. Electrodes Equivalent Circuit
������������=������× ����������
����������+��������+����
A common example of an earth-grounded device is a notebook, even with no ground connection via
power supply or Ethernet connection. Due to its larger form factor, it presents a high earth-ground
capacitance in the range of 50 pF and, thus, it can be assumed as an earth-grounded GestIC system. For
further information on sensor designs with earth-grounded as well as nonearth-grounded devices, see
"GestIC Design Guide” (DS40001716).
A brief overview of the typical values of the electrode capacitances is summarized in the table below:
Table 5-1. Electrode Capacitances Typical Values
Capacity
Typical value
CRxTx
10...30 pF
CTxG
10...1000 pF
CRxG
10...30 pF
CH
<1 pF
Important:  Ideal designs have low CRxTx and CRxG to ensure higher sensitivity of the electrode
system. Optimal results are achieved with CRxTx and CRxG values being in the same range.
5.3.2
Standard Electrode Design
The MGC3140 electrode system is typically a double-layer design with a Tx transmit electrode at the
bottom layer to shield against device ground and, thus, ensure high-receive sensitivity. Up to five
comparably smaller Rx electrodes are placed above the Tx layer providing the spatial resolution of the
GestIC system. Tx and Rx are separated by a thin isolating layer. The Rx electrodes are typically
arranged in a frame configuration as shown in the following electrode diagrams.
The frame defines the inside sensing area.
Larger dimensions yield in higher sensitivity of the system.
For more information on sensor design as well as the function of the center electrode, see "GestIC
Design Guide" (DS40001716).
The electrode shapes can be designed solid or structured. In addition to the distance and the material
between the Rx and Tx electrodes, the shape structure density also controls the capacitance CRxTx and
thus, the sensitivity of the system.
MGC3140
System Architecture
© 2018 Microchip Technology Inc.
DS40002037A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com