Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 26 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 22Page - Microchip Technology MGC3140 Datasheet HTML 23Page - Microchip Technology MGC3140 Datasheet HTML 24Page - Microchip Technology MGC3140 Datasheet HTML 25Page - Microchip Technology MGC3140 Datasheet HTML 26Page - Microchip Technology MGC3140 Datasheet HTML 27Page - Microchip Technology MGC3140 Datasheet HTML 28Page - Microchip Technology MGC3140 Datasheet HTML 29Page - Microchip Technology MGC3140 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Figure 6-6. Operation Mode Flow
Processing
mode
Wake-up on
Approach
mode
Deep Sleep
mode
Approach time-
out or GestIC
library enable
Approach mode
message
Hand detected or
I2C message or
MCLR or
WDTR
GestIC library
enable Deep Sleep
mode message
I
2C message or
MCLR
MCLR or
WDTR
Power off
Power on
®
®
6.4.1
Processing Mode
In this mode, all power domains are enabled and the SPU is running continuously. All peripheral digital
blocks are active. Gesture recognition and position tracking require the Processing Operation mode.
6.4.2
Deep Sleep Mode
The Deep Sleep mode includes the following characteristics:
•
The SPU is halted
•
The High-Speed Oscillator is shut down
•
The Low-Speed Oscillator is running
•
The Watchdog is switched off
•
Host interface pins are active for wake-up
This leads to the lowest possible power consumption of MGC3140. The device will resume from Deep
Sleep if one of the following events occurs:
MGC3140
Functional Description
© 2018 Microchip Technology Inc.
DS40002037A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com