Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 40 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 36Page - Microchip Technology MGC3140 Datasheet HTML 37Page - Microchip Technology MGC3140 Datasheet HTML 38Page - Microchip Technology MGC3140 Datasheet HTML 39Page - Microchip Technology MGC3140 Datasheet HTML 40Page - Microchip Technology MGC3140 Datasheet HTML 41Page - Microchip Technology MGC3140 Datasheet HTML 42Page - Microchip Technology MGC3140 Datasheet HTML 43Page - Microchip Technology MGC3140 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Figure 10-2. Power-On Timings
SDA/SCL
TS
VDD
4.9 ms
TS line low for
duration of transfer
“SensorDataOutput” messages every 5 ms
1.1 ms
MGC3140 will respond to I2C messages
after the Firmware Version message has been transmitted to the host
Power on to “Firmware
Version" message
TS goes high
“Firmware Version” message
470 ms
600 ms
2 ms
Figure 10-3. Reset Timings
SDA/SCL
TS
MCLR
TSline low for duration of message
“SensorDataOutput” messages every 5 ms
500 ms
0.44 ms
22 ms
1.1 ms
“Firmware Version” message
MGC3140 will respond to I2C messages after the Firmware
Version message has been transmitted to the host
4.9 ms
MGC3140
Electrical Specifications
© 2018 Microchip Technology Inc.
DS40002037A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com