Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 38 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 34Page - Microchip Technology MGC3140 Datasheet HTML 35Page - Microchip Technology MGC3140 Datasheet HTML 36Page - Microchip Technology MGC3140 Datasheet HTML 37Page - Microchip Technology MGC3140 Datasheet HTML 38Page - Microchip Technology MGC3140 Datasheet HTML 39Page - Microchip Technology MGC3140 Datasheet HTML 40Page - Microchip Technology MGC3140 Datasheet HTML 41Page - Microchip Technology MGC3140 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
DC Input Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Input leakage
current
IIL
Rx pins
±1
uA
VSS ≤ Vpin ≤ VDD
MCLR
±1
uA
VSS ≤ Vpin ≤ VDD
Note:  Parameters are characterized, but not tested.
DC Output Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Output low
voltage
VIL
Tx, SDA, SCL,
SYNC
0.4
V
IOL ≤ 10 mA VDD = 3.3V
Output high
voltage
VIH
Tx, SDA, SCL,
SYNC
1.5(1)
V
IOH ≥ -14 mA VDD = 3.3V
2.0(1)
V
IOH ≥ -12 mA VDD = 3.3V
2.4(1)
uA
IOH ≥ -10 mA VDD = 3.3V
3.0(1)
uA
IOH ≥ -7 mA VDD = 3.3V
Note: 
1.
Parameters are characterized, but not tested.
10.4
Current Consumption
Operating mode
Current Consumption mA
Typical
Processing mode
29
Approach mode
0.23-2.4(1)
Deep Sleep mode
0.085
Note: 
1.
Approach mode current consumption is dependent on the Approach mode scan time. Figure 10-1
below shows the variation of current consumption with scan period.
MGC3140
Electrical Specifications
© 2018 Microchip Technology Inc.
DS40002037A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com