Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 28 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 24Page - Microchip Technology MGC3140 Datasheet HTML 25Page - Microchip Technology MGC3140 Datasheet HTML 26Page - Microchip Technology MGC3140 Datasheet HTML 27Page - Microchip Technology MGC3140 Datasheet HTML 28Page - Microchip Technology MGC3140 Datasheet HTML 29Page - Microchip Technology MGC3140 Datasheet HTML 30Page - Microchip Technology MGC3140 Datasheet HTML 31Page - Microchip Technology MGC3140 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Important:  It is recommended to assign Rx channels 1 to 4 in most application designs, only
using RX0 if a fifth Rx electrode is required.
6.4.6
Analog-to-Digital Converter (ADC)
As outlined in the previous section, each Rx channel features a dedicated ADC with a trigger derived
from the internal clock. ADC samples are synchronous with twice the Tx transmit frequency.
6.4.7
Signal Processing Unit (SPU)
The MGC3140 features a Signal Processing Unit (SPU) to control the hardware blocks and process the
advanced DSP algorithms included in the GestIC Library. It provides filtered sensor data, continuous
position information and recognized gestures to the application host. The host combines the information
and controls its application.
6.4.8
Parameters Storage
The MGC3140 provides an embedded 128 kB Flash memory which is dedicated for the GestIC Library
and storage of the individual configuration parameters. These parameters have to be set according to the
individual electrode design and application. The GestIC Library and parameters are loaded into
MGC3140 with the provided software tools or, alternatively, via GestIC Library messages by the
application host.
Related Links
9. Development Support
MGC3140
Functional Description
© 2018 Microchip Technology Inc.
DS40002037A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com