Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 17 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology MGC3140 Datasheet HTML 18Page - Microchip Technology MGC3140 Datasheet HTML 19Page - Microchip Technology MGC3140 Datasheet HTML 20Page - Microchip Technology MGC3140 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
5.
System Architecture
MGC3140 is a mixed-signal configurable controller. The entire system solution is composed of the
following main building blocks (see diagram below):
MGC3140 Controller
GestIC Library
External Electrodes
Figure 5-1. MGC3140 Controller System Architecture
MGC3140
To Application
Host
Communications
Interface
Signal Processing
Unit
GestIC®
Library
Analog Front End
External
Electrodes
5 Rx
5 Tx
5.1
MGC3140 Controller
The MGC3140 features the following main building blocks:
Low-Noise Analog Front End (AFE)
Digital Signal Processing Unit (SPU)
Communication Interfaces
The MGC3140 provides a transmit signal to generate the E-field, conditions the analog signals from the
receiving electrodes and processes these data digitally on the SPU. Data exchange between the
MGC3140 and a host is conducted via the controller’s I2C interface.
Related Links
6. Functional Description
5.2
GestIC
® Library
The embedded GestIC Library is optimized to ensure continuous and Real-Time Free-Space gesture
recognition and motion tracking concurrently. It is fully-configurable and allows required parametrization
for individual application and external electrodes.
MGC3140
System Architecture
© 2018 Microchip Technology Inc.
DS40002037A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com