Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 46 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 41Page - Microchip Technology MGC3140 Datasheet HTML 42Page - Microchip Technology MGC3140 Datasheet HTML 43Page - Microchip Technology MGC3140 Datasheet HTML 44Page - Microchip Technology MGC3140 Datasheet HTML 45Page - Microchip Technology MGC3140 Datasheet HTML 46Page - Microchip Technology MGC3140 Datasheet HTML 47Page - Microchip Technology MGC3140 Datasheet HTML 48Page - Microchip Technology MGC3140 Datasheet HTML 49Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
–X
/XX
Package
[X](1)
Tape
and Reel
Device
Temperature
Range
Device:
MGC3140
Tape & Reel Option:
Blank
= Tube
T
= Tape & Reel
Temperature Range:
I
= -40°C to +85°C (Industrial)
E
= -40°C to +125°C (Extended)
Package
MV
= 48-lead UQFN 6x6x0.5mm
Pattern
QTP, SQTP, Code or Special Requirements (blank otherwise)
Orderable Part Number
Firmware
Revision
Industrial/
Automotive
Description
MGC3140-E/MV (supplied
in tubes)
3.0.04
Industrial
48-pin UQFN48 6x6x0.5
RoHS compliant
Industrial grade, PPAP requests are not
supported
MGC3140-I/MV (supplied
in tubes)
Industrial
MGC3140T-E/MV
(supplied in tape and reel)
Industrial
MGC3140T-I/MV
(supplied in tape and reel)
Industrial
MGC3140-E/MVVAO
(supplied in tubes)
Automotive
48-pin UQFN48 6x6x0.5
RoHS compliant
Automotive grade; suitable for automotive
characterization, PPAP requests are
supported
MGC3140-I/MVVAO
(supplied in tubes)
Automotive
MGC3140T-E/MVVAO
(supplied in tape and reel)
Automotive
MGC3140T-I/MVVAO
(supplied in tape and reel)
Automotive
Examples:
•
MGC3140-E/MV: Extended temperature, UQFN package.
•
MGC3140-I/MV: Industrial temperature, UQFN package
Note: 
MGC3140
© 2018 Microchip Technology Inc.
DS40002037A-page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com