Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 1 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 1 Page - Microchip Technology

  MGC3140 Datasheet HTML 1Page - Microchip Technology MGC3140 Datasheet HTML 2Page - Microchip Technology MGC3140 Datasheet HTML 3Page - Microchip Technology MGC3140 Datasheet HTML 4Page - Microchip Technology MGC3140 Datasheet HTML 5Page - Microchip Technology MGC3140 Datasheet HTML 6Page - Microchip Technology MGC3140 Datasheet HTML 7Page - Microchip Technology MGC3140 Datasheet HTML 8Page - Microchip Technology MGC3140 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
MGC3140
MGC3140 3D Tracking and Gesture Controller Data Sheet
Introduction
Microchip’s MGC3140 is a 3D gesture and motion tracking controller based on Microchip’s patented
GestIC
® technology – suitable for consumer, industrial and automotive applications. It enables robust user
interfaces with natural hand and finger movements utilizing the principles of electrical near-field sensing.
Implemented as a low-power mixed-signal configurable controller, the MGC3140 provides a compelling
set of smart functional features such as gesture recognition while using adaptive working frequencies for
robust performance in noisy environments. Microchip’s on-chip Colibri gesture suite removes the need for
host post-processing and reduces system power consumption, resulting in low software development
efforts for short time-to-market success.
The MGC3140 represents a unique and high-performance single-chip gesture solution focusing on
automotive applications. MGC3140 provides proximity, gesture detection and driver recognition, thus
enabling modern and compelling user interfaces to be created.
MGC3140 Applications
Automotive Applications
IoT
Audio Products
Notebooks/Keyboards/PC Peripherals
Home Automation
White Goods
Switches
Medical Products
Game Controllers
Power Operation Modes
Several Power Operation Modes Including:
Processing Mode: 29 mA, typical
Deep Sleep: 85 μA, typical
Key Features
Automotive Qualification AEC Q100 Grade 1
Recognition of 3D Hand Gestures and x, y, z Positional Data
Proximity and Touch Sensing
© 2018 Microchip Technology Inc.
DS40002037A-page 1


Similar Part No. - MGC3140

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3140 MICROCHIP-MGC3140 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-E/MV MICROCHIP-MGC3140-E/MV Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-E/MVVAO MICROCHIP-MGC3140-E/MVVAO Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-I/MV MICROCHIP-MGC3140-I/MV Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3140-I/MVVAO MICROCHIP-MGC3140-I/MVVAO Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
More results

Similar Description - MGC3140

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
logo
Linear Technology
LTC3770 LINER-LTC3770 Datasheet
302Kb / 24P
Synchronous Controller with Margining, Tracking and PLL
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Linear Technology
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
logo
uPI Group Inc.
UE4001 UPI-UE4001 Datasheet
181Kb / 8P
2D/3D Infrared Object Tracking IC
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
HALIOS Controller for Proximity and Gesture Recognition
logo
Microchip Technology
MXG3141 MICROCHIP-MXG3141 Datasheet
1Mb / 41P
MXG3141 3D Gesture Controller Data Sheet
2021
MGC3140 MICROCHIP-MGC3140_V01 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com