Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 14 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology MGC3140 Datasheet HTML 17Page - Microchip Technology MGC3140 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Sensor Touch Gestures
Figure 4-4. Sensor Touch
A Sensor Touch is a multi-zone gesture that reports up to five concurrently-performed touches on the
system’s electrodes.
The Sensor Touch provides information about touch and tapping:
1.
The Sensor Touch indicates an event during which a GestIC electrode is touched. This allows
distinction between short and long touches.
2.
The Tap and Double Tap signalize short taps and double taps on each system electrode. The tap
length and double tap interval are adjustable.
–
Single Tap Delay: A single tap is detected when touching the surface of an electrode first
and after the hand is pulled out of the touch area. The Single Tap is only detected when the
timing between the touch and the release of the touch event is smaller than the adjusted
delay. Increasing the time allows the user more time to perform the tap. The range for the
adjusted delay can range between 0s and 1s.
–
Double Tap Delay: The double tap is detected when two taps are performed within the
adjusted delay. The range for the adjusted delay can range between 0s and 1s. The smaller
the selected delay is, the faster the two taps have to be executed.
MGC3140
Feature Description
© 2018 Microchip Technology Inc.
DS40002037A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com