Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 29 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 25Page - Microchip Technology MGC3140 Datasheet HTML 26Page - Microchip Technology MGC3140 Datasheet HTML 27Page - Microchip Technology MGC3140 Datasheet HTML 28Page - Microchip Technology MGC3140 Datasheet HTML 29Page - Microchip Technology MGC3140 Datasheet HTML 30Page - Microchip Technology MGC3140 Datasheet HTML 31Page - Microchip Technology MGC3140 Datasheet HTML 32Page - Microchip Technology MGC3140 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
7.
Interface Description
The MGC3140 supports an I2C interface in Slave mode. For further information on the I2C interface as
well as a list of the I2C commands, see ”MGC3140 - GestIC Library Interface Description User’s Guide”
(DS40001875).
7.1
Interface Address Selection
The MGC3140 interface selection pins IS1 and IS2 are used to select the MGC3140 interface.
Table 7-1. Interface Pins
IS2
IS1
Mode (Address)
0
0
I2C Slave Mode (Address 0x42)
1
0
Reserved
7.2
I2C Slave Mode
7.2.1
I2C Hardware Interface
A summary of the hardware interface pins is shown below:
Table 7-2. Interface Pins
Pin
Function
SCL
Serial Clock to Master I2C
SDA
Serial Data to Master I2C
TS
Transfer Status Line
The MGC3140 requires a dedicated Transfer Status line (TS). The MGC3140 (I2C Slave) uses this line to
inform the host controller (I2C Master) that there is data available which can be transferred. The TS line is
electrically open-drain and requires a pull-up resistor of typically 10 kΩ from the TS line to VDD. The TS
Idle state is high.
The MGC3140 uses an internal I2C message buffer. If after a read operation there are remaining
messages in the buffer, the TS will only go high for a short time period and then be driven low again.
Table 7-3. Usage of TS Line
Device
TS Line Status
Released (H)
High
No new pending message from the device
Asserted (L)
Low
New message from device available; Host can start reading I2C message
MGC3140
Interface Description
© 2018 Microchip Technology Inc.
DS40002037A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com