Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3140 Datasheet(PDF) 37 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 33Page - Microchip Technology MGC3140 Datasheet HTML 34Page - Microchip Technology MGC3140 Datasheet HTML 35Page - Microchip Technology MGC3140 Datasheet HTML 36Page - Microchip Technology MGC3140 Datasheet HTML 37Page - Microchip Technology MGC3140 Datasheet HTML 38Page - Microchip Technology MGC3140 Datasheet HTML 39Page - Microchip Technology MGC3140 Datasheet HTML 40Page - Microchip Technology MGC3140 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
10.
Electrical Specifications
10.1
Absolute Maximum Ratings(†)
Parameter
Rating
Ambient temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Voltage on VDD with respect to VSS
4V
Voltage on non I2C pins with respect to VSS
-0.3V to +3.6V
Voltage on I2C pins relative to VSS
-0.3V to +5.5V
Notice:  (†) Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at those or any other conditions above those indicated in the operation listings of this
specification is not implied. Exposure above maximum rating conditions for extended periods
may affect device reliability.
Notice:  (†) This device is sensitive to ESD damage and must be handled appropriately. Failure
to properly handle and protect the device in an application may cause partial to complete failure
of the device.
10.2
Recommended Operating Conditions
Parameter
Rating
Operating temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
VDD
3.3V ± 5%
VANA
3.3V ± 5%
AVDD
3.3V ± 5%
10.3
I/O Characteristics
DC Input Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Input low
voltage
VIL
Rx pins
VSS
0.2 VDD
V
SDA, SCL
VSS
0.3 VDD
V
Input high
voltage
VIH
Rx pins
0.65 VDD
VDD
V
SDA, SCL
0.65 VDD
5.5
V
MGC3140
Electrical Specifications
© 2018 Microchip Technology Inc.
DS40002037A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com