Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 57 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 53Page - STMicroelectronics IIS2DLPC Datasheet HTML 54Page - STMicroelectronics IIS2DLPC Datasheet HTML 55Page - STMicroelectronics IIS2DLPC Datasheet HTML 56Page - STMicroelectronics IIS2DLPC Datasheet HTML 57Page - STMicroelectronics IIS2DLPC Datasheet HTML 58Page - STMicroelectronics IIS2DLPC Datasheet HTML 59Page - STMicroelectronics IIS2DLPC Datasheet HTML 60Page - STMicroelectronics IIS2DLPC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
DocID031788 Rev 4
57/69
IIS2DLPC
Register description
69
8.19
FIFO_SAMPLES (2Fh)
FIFO_SAMPLES control register (r).
Table 59. FIFO_SAMPLES register
Table 60. FIFO_SAMPLES register description
8.20
TAP_THS_X (30h)
4D configuration enable and TAP threshold configuration (r/w).
Table 61. TAP_THS_X register
Table 62. TAP_THS_X register description
Table 63. 4D/6D threshold setting FS @ ±2 g
FIFO_
FTH
FIFO_
OVR
Diff5
Diff4
Diff3
Diff2
Diff1
Diff0
FIFO_FTH
FIFO threshold status flag.
(0: FIFO filling is lower than threshold level;
1: FIFO filling is equal to or higher than the threshold level.)
FIFO_OVR
FIFO overrun status.
(0: FIFO is not completely filled;
1: FIFO is completely filled and at least one sample has been overwritten)
Diff[5:0]
Represents the number of unread samples stored in FIFO.
(000000 = FIFO empty; 100000 = FIFO full, 32 unread samples).
4D_EN
6D_THS1
6D_THS0
TAP_
THSX_4
TAP_
THSX_3
TAP_
THSX_2
TAP_
THSX_1
TAP_
THSX_0
4D_EN
4D detection portrait/landscape position enable.
(0: no position detected;
1: portrait/landscape detection and face-up/face-down position enabled).
6D_THS[1:0]
Thresholds for 4D/6D function @ FS = ±2 g (refer to Table 63)
TAP_THSX_[4:0]
Threshold for TAP recognition @ FS = ±2 g on X direction
6D_THS[1:0]
Threshold decoding (degrees)
00
6 (80 degrees)
01
11 (70 degrees)
10
16 (60 degrees)
11
21 (50 degrees)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com