Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 26 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 22Page - STMicroelectronics IIS2DLPC Datasheet HTML 23Page - STMicroelectronics IIS2DLPC Datasheet HTML 24Page - STMicroelectronics IIS2DLPC Datasheet HTML 25Page - STMicroelectronics IIS2DLPC Datasheet HTML 26Page - STMicroelectronics IIS2DLPC Datasheet HTML 27Page - STMicroelectronics IIS2DLPC Datasheet HTML 28Page - STMicroelectronics IIS2DLPC Datasheet HTML 29Page - STMicroelectronics IIS2DLPC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
Terminology and functionality
IIS2DLPC
26/69
DocID031788 Rev 4
3.5
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-g level offset.
The trim values are stored inside the device in nonvolatile memory. Any time the device is
turned on, the trimming parameters are downloaded into the registers to be used during
active operation. This allows using the device without further calibration. If an accidental
write occurs in the registers where trimming parameters are stored, the BOOT bit in CTRL2
(21h) can help to retrieve the correct trimming parameters from nonvolatile memory without
the need to switch on/off the device. This bit is automatically reset at the end of the
download operation. Setting this bit has no impact on the control registers.
3.6
Temperature sensor
The temperature is available in OUT_T_L (0Dh), OUT_T_H (0Eh) stored as two's
complement data, left-justified in 12-bit mode and in OUT_T (26h) stored as two's
complement data, left-justified in 8-bit mode.
Refer to Table 6: Temperature sensor characteristics for the conversion factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com