Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 24 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 20Page - STMicroelectronics IIS2DLPC Datasheet HTML 21Page - STMicroelectronics IIS2DLPC Datasheet HTML 22Page - STMicroelectronics IIS2DLPC Datasheet HTML 23Page - STMicroelectronics IIS2DLPC Datasheet HTML 24Page - STMicroelectronics IIS2DLPC Datasheet HTML 25Page - STMicroelectronics IIS2DLPC Datasheet HTML 26Page - STMicroelectronics IIS2DLPC Datasheet HTML 27Page - STMicroelectronics IIS2DLPC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Terminology and functionality
IIS2DLPC
24/69
DocID031788 Rev 4
3.2.3
Self-test
The self-test allows checking the sensor functionality without moving it. The self-test
function is off when the self-test bits (ST) are programmed to ‘00’. When the self-test bits are
changed, an actuation force is applied to the sensor, simulating a definite input acceleration.
In this case the sensor outputs will exhibit a change in their DC levels which are related to
the selected full scale through the device sensitivity. When the self-test is activated, the
device output level is given by the algebraic sum of the signals produced by the acceleration
acting on the sensor and by the electrostatic test-force. If the output signals change within
the amplitude specified in Table 4, then the sensor is working properly and the parameters
of the interface chip are within the defined specifications.
3.2.4
Activity/Inactivity, stationary/motion-detection functions
The activity/inactivity function recognizes the device’s sleep state and allows reducing
system power consumption.
When the activity/inactivity function is activated by setting the INTERRUPTS_ENABLE bit in
CTRL7 (3Fh) and the SLEEP_ON bit in WAKE_UP_THS (34h), the IIS2DLPC automatically
goes to 12.5 Hz ODR in the low-power mode previously selected by the LP_MODE[1:0] bits
in CTRL1 (20h) if the sleep state condition is detected and wakes up as soon as the
interrupt event has been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The stationary/motion-detection function only recognizes the device’s sleep state.
When the stationary/motion-detection function is activated by setting the STATIONARY bit
in WAKE_UP_DUR (35h), the IIS2DLPC detects acceleration below a fixed threshold but
does not change either ODR or operating mode (High-Performance mode or Low-Power
mode) after sleep state detection.
The Activity/Inactivity recognition function can use the high-pass filter or the offset outputs,
this choice can be made through the USR_OFF_ON_OUT bit in CTRL7 (3Fh).
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds
the threshold in WAKE_UP_THS (34h), the device goes into a sleep-to-wake state (as
wake-up).
For the activity/inactivity function, the device, in a wake-up state, will return to the operating
mode (HP or LP) and ODR before sleep state detection.
Activity/Inactivity, stationary/motion-detection threshold and duration can be configured in
the following control registers:
WAKE_UP_THS (34h)
WAKE_UP_DUR (35h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com