Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 12 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 8Page - STMicroelectronics IIS2DLPC Datasheet HTML 9Page - STMicroelectronics IIS2DLPC Datasheet HTML 10Page - STMicroelectronics IIS2DLPC Datasheet HTML 11Page - STMicroelectronics IIS2DLPC Datasheet HTML 12Page - STMicroelectronics IIS2DLPC Datasheet HTML 13Page - STMicroelectronics IIS2DLPC Datasheet HTML 14Page - STMicroelectronics IIS2DLPC Datasheet HTML 15Page - STMicroelectronics IIS2DLPC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Mechanical and electrical specifications
IIS2DLPC
12/69
DocID031788 Rev 4
f0
Sensor resonant frequency
X
3.4
kHz
Y
3.4
Z
2.8
TCS
Sensitivity change vs. temperature
0.01
%/°C
ST
Self-test positive difference
70
1500
mg
1. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 3.6 V.
2. Minimum and maximum values are based on characterization data at 3σ and are not guaranteed.
3. Typical specifications are not guaranteed.
4. Sensitivity values after factory calibration test and trimming.
5. Noise density is the same for all ODRs. Low-noise setting enabled.
6. RMS noise is the same for all ODRs. Low-noise setting enabled.
7. Values after factory calibration test and trimming.
Table 4. Mechanical characteristics @ Vdd = 1.8 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.(2) Typ.(3) Max.(2)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com