Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 34 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 34 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 30Page - STMicroelectronics IIS2DLPC Datasheet HTML 31Page - STMicroelectronics IIS2DLPC Datasheet HTML 32Page - STMicroelectronics IIS2DLPC Datasheet HTML 33Page - STMicroelectronics IIS2DLPC Datasheet HTML 34Page - STMicroelectronics IIS2DLPC Datasheet HTML 35Page - STMicroelectronics IIS2DLPC Datasheet HTML 36Page - STMicroelectronics IIS2DLPC Datasheet HTML 37Page - STMicroelectronics IIS2DLPC Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Digital main blocks
IIS2DLPC
34/69
DocID031788 Rev 4
5.4
FIFO
The IIS2DLPC embeds 32 slots of 14-bit data FIFO for each of the three output channels, X,
Y and Z of the acceleration data. This allows consistent power saving for the system, since
the host processor does not need to continuously poll data from the sensor, but it can wake
up only when needed and burst the significant data out from the FIFO.
The internal FIFO allows collecting 32 samples (14-bit size data) for each axis.
When the FIFO mode is other than Bypass, reading the output registers (28h to 2Dh)
returns the oldest FIFO sample set. In order to minimize communication between the
master and slave, the address read may be automatically incremented by the device by
setting the IF_ADD_INC bit of CTRL2 (21h) to '1'; the device rolls back to 0x28 when
register 0x2D is reached.
This buffer can work according to the following 5 different modes:
Bypass mode
FIFO mode
Continuous-to-FIFO
Bypass-to-Continuous
Continuous
Each mode is selected by the FMode[2:0] bits in the FIFO_CTRL (2Eh) register.
Programmable FIFO threshold is selected in FIFO_CTRL (2Eh). Status and FIFO overrun
events are available in the FIFO_SAMPLES (2Fh) register and can be used to generate
dedicated interrupts on the INT1 and INT2 pins using the CTRL4_INT1_PAD_CTRL (23h)
and CTRL5_INT2_PAD_CTRL (24h) registers.
FIFO_SAMPLES (2Fh) (FIFO_FTH) goes to '1' when the number of unread samples
FIFO_SAMPLES (2Fh) (Diff[5:0]) is greater than or equal to FTH[4:0] in FIFO_CTRL (2Eh).
If FTH[4:0] is equal to '0', FIFO_SAMPLES (2Fh) (FIFO_FTH) goes to '0'.
FIFO_SAMPLES (2Fh) (FIFO_OVR) is equal to '1' if a FIFO slot is overwritten.
FIFO_SAMPLES (2Fh) (Diff[5:0]) contains stored data levels of unread samples. When
Diff[5:0] is equal to ‘000000’, FIFO is empty. When Diff[5:0] is equal to ‘100000’, FIFO is full
and the unread samples are 32.
To guarantee the correct acquisition of data during the switching into and out of FIFO, the
first sample acquired must be discarded.
When the FIFO threshold status flag is '0'-logic, FIFO filling is lower than the threshold level
and when '1'-logic, FIFO filling is equal to or higher than the threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com