Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 59 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 55Page - STMicroelectronics IIS2DLPC Datasheet HTML 56Page - STMicroelectronics IIS2DLPC Datasheet HTML 57Page - STMicroelectronics IIS2DLPC Datasheet HTML 58Page - STMicroelectronics IIS2DLPC Datasheet HTML 59Page - STMicroelectronics IIS2DLPC Datasheet HTML 60Page - STMicroelectronics IIS2DLPC Datasheet HTML 61Page - STMicroelectronics IIS2DLPC Datasheet HTML 62Page - STMicroelectronics IIS2DLPC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
DocID031788 Rev 4
59/69
IIS2DLPC
Register description
69
8.23
INT_DUR (33h)
Interrupt duration register (r/w).
Table 69. INT_DUR register
Table 70. INT_DUR register description
8.24
WAKE_UP_THS (34h)
Wakeup threshold register (r/w).
Table 71. WAKE_UP_THS register
Table 72. WAKE_UP_THS register description
LATENCY3 LATENCY2 LATENCY1 LATENCY0
QUIET1
QUIET0
SHOCK1 SHOCK0
LATENCY[3:0]
Duration of maximum time gap for double-tap recognition. When double-tap
recognition is enabled, this register expresses the maximum time between two
successive detected taps to determine a double-tap event.
Default value is LATENCY[3:0] = 0000 (which is 16 * 1/ODR
1 LSB = 32 * 1/ODR
QUIET[1:0]
Expected quiet time after a tap detection: this register represents the time after the
first detected tap in which there must not be any overthreshold event.
Default value is QUIET[1:0] = 00 (which is 2 * 1/ODR)
1 LSB = 4 * 1/ODR
SHOCK[1:0]
Maximum duration of over-threshold event: this register represents the maximum
time of an over-threshold signal detection to be recognized as a tap event.
Default value is SHOCK[1:0] = 00 (which is 4 * 1/ODR)
1 LSB = 8 *1/ODR
SINGLE_
DOUBLE_
TAP
SLEEP_
ON
WK_THS5 WK_THS4 WK_THS3 WK_THS 2 WK_THS 1 WK_THS 0
SINGLE_
DOUBLE_ TAP
Enable single/double-tap event. Default value: 0
(0: only single-tap event is enabled; 1: single and double-tap events are enabled)
SLEEP_ON
Sleep (inactivity) enable. Default value: 0
(0: sleep disabled; 1: sleep enabled)
WK_THS[5:0]
Wakeup threshold, 6-bit unsigned 1 LSB = 1/64 of FS. Default value: 000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com