Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 25 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 21Page - STMicroelectronics IIS2DLPC Datasheet HTML 22Page - STMicroelectronics IIS2DLPC Datasheet HTML 23Page - STMicroelectronics IIS2DLPC Datasheet HTML 24Page - STMicroelectronics IIS2DLPC Datasheet HTML 25Page - STMicroelectronics IIS2DLPC Datasheet HTML 26Page - STMicroelectronics IIS2DLPC Datasheet HTML 27Page - STMicroelectronics IIS2DLPC Datasheet HTML 28Page - STMicroelectronics IIS2DLPC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
DocID031788 Rev 4
25/69
IIS2DLPC
Terminology and functionality
69
3.2.5
High tap/double-tap user configurability
The device embeds the possibility to select the following parameters:
single axis or multiple axes in TAP_THS_Z (32h)
axis priority in TAP_THS_Y (31h)
threshold value of each axis in TAP_THS_X (30h), TAP_THS_Y (31h), and
TAP_THS_Z (32h)
max time threshold between 2 consecutive taps for double-tap recognition, min time
threshold between 2 consecutive taps to detect a new tap event in INT_DUR (33h)
3.2.6
Offset management
The user can manage offset in the output or for wakeup detection using dedicated
embedded hardware (see Section 5.1: Block diagram of filters).
3.3
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The
technology allows processing suspended silicon structures which are attached to the
substrate in a few points called anchors and are free to move in the direction of the sensed
acceleration. In order to be compatible with the traditional packaging techniques, a cap is
placed on top of the sensing element to avoid blocking the moving parts during the molding
phase of the plastic encapsulation. When an acceleration is applied to the sensor the proof
mass displaces from its nominal position, causing an imbalance in the capacitive half-
bridge. This imbalance is measured using charge integration in response to a voltage pulse
applied to the capacitor.
At steady-state the nominal value of the capacitors are a few pF and when an acceleration
is applied, the maximum variation of the capacitive load is in the fF range.
3.4
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which
converts the capacitive unbalancing of the MEMS sensor into an analog voltage using an
analog-to-digital converter.
The acceleration data may be accessed through an I2C/SPI interface thus making the
device particularly suitable for direct interfacing with a microcontroller.
The IIS2DLPC features a data-ready signal which indicates when a new set of measured
acceleration data is available, thus simplifying data synchronization in the digital system that
uses the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com