Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 62 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 62 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 58Page - STMicroelectronics IIS2DLPC Datasheet HTML 59Page - STMicroelectronics IIS2DLPC Datasheet HTML 60Page - STMicroelectronics IIS2DLPC Datasheet HTML 61Page - STMicroelectronics IIS2DLPC Datasheet HTML 62Page - STMicroelectronics IIS2DLPC Datasheet HTML 63Page - STMicroelectronics IIS2DLPC Datasheet HTML 64Page - STMicroelectronics IIS2DLPC Datasheet HTML 65Page - STMicroelectronics IIS2DLPC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Register description
IIS2DLPC
62/69
DocID031788 Rev 4
8.28
WAKE_UP_SRC (38h)
Wakeup source register (r).
Table 80. WAKE_UP_SRC register
Table 81. WAKE_UP_SRC register description
8.29
TAP_SRC (39h)
Tap source register (r).
Table 82. TAP_SRC register
Table 83. TAP_SRC register description
0
0
FF_IA
SLEEP_
STATE IA
WU_IA
X_WU
Y_WU
Z_WU
FF_IA
Free-fall event detection status.
(0: FF event not detected; 1: FF event detected)
SLEEP_
STATE IA
Sleep event status.
(0: Sleep event not detected; 1: Sleep event detected)
WU_IA
Wakeup event detection status.
(0: Wakeup event not detected; 1: Wakeup event is detected)
X_WU
Wakeup event detection status on X-axis.
(0: Wakeup event on X not detected; 1: Wakeup event on X-axis is detected)
Y_WU
Wakeup event detection status on Y-axis.
(0: Wakeup event on Y not detected; 1: Wakeup event on Y-axis is detected)
Z_WU
Wakeup event detection status on Z-axis.
(0: Wakeup event on Z not detected; 1: Wakeup event on Z-axis is detected)
0
TAP_IA
SINGLE_
TAP
DOUBLE_
TAP
TAP_SIGN
X_TAP
Y_TAP
Z_TAP
TAP_IA
Tap event status.
(0: tap event not detected; 1: tap event detected)
SINGLE_TAP
Single-tap event status.
(0: single-tap event not detected; 1: single-tap event detected)
DOUBLE_TAP
Double-tap event status.
(0: double-tap event not detected; 1: double-tap event detected)
TAP_SIGN
Sign of acceleration detected by tap event.
(0: positive sign of acceleration detected; 1: negative sign of acceleration detected)
X_TAP
Tap event detection status on X-axis.
(0: Tap event on X not detected; 1: Tap event on X-axis is detected)
Y_TAP
Tap event detection status on Y-axis.
(0: Tap event on Y not detected; 1: Tap event on Y-axis is detected)
Z_TAP
Tap event detection status on Z-axis.
(0: Tap event on Z not detected; 1: Tap event on Z-axis is detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com