Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 63 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 59Page - STMicroelectronics IIS2DLPC Datasheet HTML 60Page - STMicroelectronics IIS2DLPC Datasheet HTML 61Page - STMicroelectronics IIS2DLPC Datasheet HTML 62Page - STMicroelectronics IIS2DLPC Datasheet HTML 63Page - STMicroelectronics IIS2DLPC Datasheet HTML 64Page - STMicroelectronics IIS2DLPC Datasheet HTML 65Page - STMicroelectronics IIS2DLPC Datasheet HTML 66Page - STMicroelectronics IIS2DLPC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
DocID031788 Rev 4
63/69
IIS2DLPC
Register description
69
8.30
SIXD_SRC (3Ah)
6D source register (r).
Table 84. SIXD_SRC register
Table 85. SIXD_SRC register description
8.31
ALL_INT_SRC (3Bh)
Reading this register, all related interrupt function flags routed to the INT pads are reset
simultaneously.
Table 86. ALL_INT_SRC register
Table 87. ALL_INT_SRC register description
0
6D_IA
ZH
ZL
YH
YL
XH
XL
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position is detected)
ZH
ZH over threshold.
(0: ZH does not exceed the threshold; 1: ZH is over the threshold)
ZL
ZL over threshold.
(0: ZL does not exceed the threshold; 1: ZL is over the threshold)
YH
YH over threshold.
(0: YH does not exceed the threshold; 1: YH is over the threshold)
YL
YL over threshold.
(0: YL does not exceed the threshold; 1: YL is over the threshold)
XH
XH over threshold.
(0: XH does not exceed the threshold; 1: XH is over the threshold)
XL
XL over threshold.
(0: XL does not exceed the threshold; 1: XL is over the threshold)
00
SLEEP_
CHANGE_IA
6D_IA
DOUBLE_
TAP
SINGLE_
TAP
WU_IA
FF_IA
SLEEP_
CHANGE_IA
Sleep change status.
(0: Sleep change not detected; 1: Sleep change detected)
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position detected)
DOUBLE_TAP
Double-tap event status.
(0: double-tap event not detected; 1: double-tap event detected)
SINGLE_
TAP
Single-tap event status.
(0: single-tap event not detected; 1: single-tap event detected)
WU_IA
Wakeup event detection status.
(0: wakeup event not detected; 1: wakeup event detected)
FF_IA
Free-fall event detection status.
(0: free-fall event not detected; 1: free-fall event detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com