Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 14 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 10Page - STMicroelectronics IIS2DLPC Datasheet HTML 11Page - STMicroelectronics IIS2DLPC Datasheet HTML 12Page - STMicroelectronics IIS2DLPC Datasheet HTML 13Page - STMicroelectronics IIS2DLPC Datasheet HTML 14Page - STMicroelectronics IIS2DLPC Datasheet HTML 15Page - STMicroelectronics IIS2DLPC Datasheet HTML 16Page - STMicroelectronics IIS2DLPC Datasheet HTML 17Page - STMicroelectronics IIS2DLPC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Mechanical and electrical specifications
IIS2DLPC
14/69
DocID031788 Rev 4
2.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted
Table 6. Temperature sensor characteristics
Symbol
Parameter
Min.(1)
Typ.(2) Max.(1)
Unit
Top
Operating temperature range
-40
+85
°C
Toff
Temperature offset(3)
-15
+15
°C
TSDr
Temperature sensor output change vs. temperature
1(4)
LSB/°C
16(5)
TODR
Temperature refresh rate in High-Performance Mode for all ODRs
or in Low-Power Modes for ODRs equal to 200/100/50 Hz
50
Hz
Temperature refresh rate in Low-Power Modes
for ODR equal to 25 Hz
25
Temperature refresh rate in Low-Power Modes
for ODR equal to 12.5 Hz
12.5
Temperature refresh rate in Low-Power Modes
for ODR equal to 1.6 Hz
1.6
1. Minimum and maximum values are based on characterization data at 3σ and are not guaranteed.
2. Typical specifications are not guaranteed.
3. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
4. 8-bit resolution.
5. 12-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com