Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 35 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 31Page - STMicroelectronics IIS2DLPC Datasheet HTML 32Page - STMicroelectronics IIS2DLPC Datasheet HTML 33Page - STMicroelectronics IIS2DLPC Datasheet HTML 34Page - STMicroelectronics IIS2DLPC Datasheet HTML 35Page - STMicroelectronics IIS2DLPC Datasheet HTML 36Page - STMicroelectronics IIS2DLPC Datasheet HTML 37Page - STMicroelectronics IIS2DLPC Datasheet HTML 38Page - STMicroelectronics IIS2DLPC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
DocID031788 Rev 4
35/69
IIS2DLPC
Digital main blocks
69
5.4.1
Bypass mode
In Bypass mode (FIFO_CTRL (2Eh) (FMode [2:0])= 000), the FIFO is not operational, no
data is collected in FIFO memory, and it remains empty with the only actual sample
available in the output registers.
Bypass mode is also used to reset the FIFO when in FIFO mode.
For each channel only the first address is used. When new data is available, the old data is
overwritten.
5.4.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh)(FMode [2:0])= 001) data from the X, Y and Z channels
are stored in the FIFO until it is full, when 32 unread samples are stored in memory, data
collecting is stopped.
To reset the FIFO content, Bypass mode should be written in the FIFO_CTRL (2Eh) register,
setting the FMODE [2:0] bits to '000'. After this reset command, it is possible to restart FIFO
mode, writing the value '001' in FIFO_CTRL (2Eh)(FMODE [2:0]).
The FIFO buffer can memorize 32 slots of X, Y and Z data.
5.4.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh) (FMode[2:0] = 110) provides a continuous FIFO
update: when 32 unread samples are stored in memory, as new data arrives the oldest data
is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SAMPLES (2Fh) (FIFO_FTH) is asserted when the number of
unread samples in FIFO is greater than or equal to (FIFO_CTRL (2Eh)FTH[4:0]).
It is possible to route FIFO_SAMPLES (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH
bit to '1' in register CTRL4_INT1_PAD_CTRL (23h) or to the INT2 pin by writing the
INT2_FTH bit to '1' in register CTRL5_INT2_PAD_CTRL (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in
FIFO_SAMPLES (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SAMPLES (2Fh) (Diff[5:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com