Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 11 Page - STMicroelectronics

Part # IIS2DLPC
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IIS2DLPC Datasheet HTML 7Page - STMicroelectronics IIS2DLPC Datasheet HTML 8Page - STMicroelectronics IIS2DLPC Datasheet HTML 9Page - STMicroelectronics IIS2DLPC Datasheet HTML 10Page - STMicroelectronics IIS2DLPC Datasheet HTML 11Page - STMicroelectronics IIS2DLPC Datasheet HTML 12Page - STMicroelectronics IIS2DLPC Datasheet HTML 13Page - STMicroelectronics IIS2DLPC Datasheet HTML 14Page - STMicroelectronics IIS2DLPC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
DocID031788 Rev 4
11/69
IIS2DLPC
Mechanical and electrical specifications
69
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 4. Mechanical characteristics @ Vdd = 1.8 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.(2) Typ.(3) Max.(2)
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Sensitivity(4)
@ FS ±2 g
in High-Performance
Mode and all Low-
Power modes except
Low-Power Mode 1
-3%
0.244
+3%
mg/digit
@ FS ±4 g
in High-Performance
Mode and all Low-
Power Modes except
Low-Power Mode 1
-3%
0.488
+3%
@ FS ±8 g
in High-Performance
Mode and all Low-
Power modes except
Low-Power Mode 1
-3%
0.976
+3%
@ FS ±16 g
in High-Performance
Mode and all Low-
Power modes except
Low-Power Mode 1
-3%
1.952
+3%
@ FS ±2 g
in Low-Power Mode 1
-3%
0.976
+3%
@ FS ±4 g
in Low-Power Mode 1
-3%
1.952
+3%
@ FS ±8 g
in Low-Power Mode 1
-3%
3.904
+3%
@ FS ±16 g
in Low-Power Mode 1
-3%
7.808
+3%
An
Noise density - High-performance Mode(5) @ FS ±2 g
90
160
μg/√Hz
RMS
RMS noise - Low-Power Modes(6)
@ FS ±2 g
Low-Power Mode 4
1.3
2.6
mg(RMS)
Low-Power Mode 3
1.8
3.6
Low-Power Mode 2
2.4
4.8
Low-Power Mode 1
4.5
9
TyOff
Zero-g level offset accuracy(7)
-30
±20
+30
mg
TCO
Zero-g offset change vs. temperature
-1
±0.2
+1
mg/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com