Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 42Page - STMicroelectronics STPMIC1 Datasheet HTML 43Page - STMicroelectronics STPMIC1 Datasheet HTML 44Page - STMicroelectronics STPMIC1 Datasheet HTML 45Page - STMicroelectronics STPMIC1 Datasheet HTML 46Page - STMicroelectronics STPMIC1 Datasheet HTML 47Page - STMicroelectronics STPMIC1 Datasheet HTML 48Page - STMicroelectronics STPMIC1 Datasheet HTML 49Page - STMicroelectronics STPMIC1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
Figure 52. 5 V DC powered application with a USB OTG port and two USB host ports
In this example, the application is powered by a 5 V DC power source (eg: from 5 V AC/DC wall adaptor) and it
supplies a boost converter. When enabled, the boost converter generates a 5.2 V on BSTOUT.
PWR_USB_SW output (VBUSOTG) is connected, in this example, to a USB Type-μAB connector (OTG). It can
alternatively be connected to a USB Type-C connector.
PWR_SW output (SWOUT) is connected, in this example, to one or two USB Type-A connectors (USB host only).
PWR_SW input (SWIN) is connected to the output of the boost converter (BSTOUT).
In this example, the boost is used to regulate VBUS voltage at 5.2 V (to be compatible with USB specification
voltage range [4.75 V;5.5 V]) to compensate the power supply voltage losses (power supply voltage tolerance and
load regulation lose on the printed circuit board).
STPMIC1
USB sub-system examples
DS12792 - Rev 7
page 46/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com