Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 48Page - STMicroelectronics STPMIC1 Datasheet HTML 49Page - STMicroelectronics STPMIC1 Datasheet HTML 50Page - STMicroelectronics STPMIC1 Datasheet HTML 51Page - STMicroelectronics STPMIC1 Datasheet HTML 52Page - STMicroelectronics STPMIC1 Datasheet HTML 53Page - STMicroelectronics STPMIC1 Datasheet HTML 54Page - STMicroelectronics STPMIC1 Datasheet HTML 55Page - STMicroelectronics STPMIC1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
VINLOW_Rise and VINLOW_Fall detection generate respectively VINLOW_RI and VINLOW_FA interrupt in
INT_PENDING_R4, allowing application processor to take relevant actions. They can be unmasked
independently.
Refer to Section 6.5 Interrupt registers.
5.4.2
Turn-ON conditions
Turn-ON means the STPMIC1 reaches POWER_ON state from NO_SUPPLY or OFF-state.
The STPMIC1 is turned ON on four conditions.
Three conditions are triggered by an external stimulation:
•
PONKEYn pin detection
•
VBUS detection (voltage rising on VBUSOTG or SWOUT pins)
•
WAKEUP pin detection
Last condition is triggered by AUTO turn-ON feature (see below).
When in POWER_ON, the last turn-ON condition is stored and can be read in Section 6.2.1 Turn-ON status
register (TURN_ON_SR) register.
AUTO turn-ON
AUTO turn-ON feature allows the STPMIC1 to be turned ON automatically as soon as VIN rises above a valid
voltage. See Section 5.4.1 VIN conditions and monitoring .
After VIN rises above VINOK_Rise, the STPMIC1 goes to PRELOAD_NVM state and load AUTO_TURN_ON bit
from NVM. If AUTO_TURN_ON is set, the STPMIC1 goes directly into CHECK&LOAD then goes to POWER_UP
and to POWER_ON.
AUTO turn-ON event is triggered only by NO_SUPPLY state transition.
AUTO turn-ON is enabled by default in NVM and can be disabled by resetting AUTO_TURN_ON bit in
Table 65. NVM_MAIN_CTRL_SHR register.
Details of the sequence are described in the Figure 56. Auto turn-on condition sequence.
Figure 56. Auto turn-on condition sequence
POWER_UP
CHECK&
LOAD
POWER_ON
NO_SUPPLY
PRE
LOAD
RSTn
AUTO_TURN_ON=1
VIN_POR_Rise
VINOK_Rise
>7ms
PONKEY/VBUS/WAKEUP detection
Those 3 conditions depend on stimulation on the specific STPMIC1 pins. The source and electrical characteristics
of each condition are described in Table 11. Turn-on description.
STPMIC1
Feature description
DS12792 - Rev 7
page 52/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com